PART |
Description |
Maker |
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
HLMP-1550 HLMP-1550-1.00000 HLMP-1550-1.00001 HLMP |
Half pitch interface connectors (HRS unique); HRS No: 230-1022-7 50; Connector Type: Cable; Contact Mating Area Plating: Gold Low Profile T-1 (3 mm) LED Lamps HLMP-1350-C0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1350-C0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-BC000 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0000 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1450-B0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-A0001 · Low Profile T-1 (3 mm) LED Lamp HLMP-1550-A0002 · Low Profile T-1 (3 mm) LED Lamp HLMP-1350 · Low Profile T-1 (3 mm) LED Lamp
|
发光二极 Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
614-91-304-31-012 614-93-304-31-012 614-99-304-31- |
Dual-in-line pin carrier assemblies Low profile / low profile ultra thin Solder tail OSCILLATORS 50PPM 0 70 3.3V 4 18.432MHZ TS HCMOS 5X7MM 4PAD SMD 双列直插脚载波组件低轮廓/低调超薄焊尾 CONNECTOR ACCESSORY 双列直插脚载波组件低轮廓/低调超薄焊尾 Dual-in-line pin carrier assemblies Low profile / low profile ultra thin Solder tail 双列直插脚载波组件低轮廓/低调超薄焊尾
|
TE Connectivity, Ltd. PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
TNC TNC-25-12 TNC-25-15 TNC-25-18 TNC-15-12 TNC-15 |
TNC 50/60 Hz Low Profile UL Aproved Transformers 15-42W 50/60 Hz Low Profile UL Approved Transformers 15W-42W
|
PREMO CORPORATION S.L http://
|
ZS6A-36-G2 ZS6A-58-G2 ZS6A-16-G2 ZS6A-32-G2 ZS6A-0 |
180° SMT Low Profile Socket (Height 2.5mm) 180掳 SMT Low Profile Socket (Height 2.5mm) 180隆? SMT Low Profile Socket (Height 2.5mm)
|
Yamaichi Electronics Co., Ltd.
|
HM65-H7R2LF HM65-H2R8LF HM65-H5R6LF HM65-M0R8LF HM |
High Current Low Profile Surface Mount Inductors 高电流超薄表面贴装电感器 High Current Low Profile Surface Mount Inductors 1 ELEMENT, 2.5 uH, GENERAL PURPOSE INDUCTOR, SMD
|
BI Technologies Corporation BI Technologies, Corp.
|
BD2425J50200A00 |
Ultra Low Profile 0805 Balun 50Ω to 200Ω Balanced Ultra Low Profile 0805 Balun 50ヘ to 200ヘ Balanced
|
Anaren Microwave
|
591D156X016B215H 591D156X016D215H 591D156X020C215H |
Solid Tantalum Chip Capacitors TANTAMOUNT垄莽, Low Profile, Low ESR, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT庐, Low Profile, Low ESR, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT?, Low Profile, Low ESR, Conformal Coated, Maximum CV
|
Vishay Siliconix
|
90814-0516 0908140516 |
1.27mm (.050) Pitch Picoflex? PF-50 Header, Vertical, Low Profile 1.27mm (.050") Pitch Picoflex庐 PF-50 Header, Vertical, Low Profile 1.27mm (.050") Pitch Picoflex垄莽 PF-50 Header, Vertical, Low Profile
|
Molex Electronics Ltd.
|